Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74AHCU04 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74AHCU04
Description  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74AHCU04 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 27
6
Philips Semiconductors
Product specification
Hex inverter
74AHCU04
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation
delay nA to nY
see Figs 5 and 6
15 pF
3.0
7.1
1.0
8.5
1.0
9.0
ns
50 pF
4.3
10.6
1.0
12
1.0
13.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation
delay nA to nY
see Figs 5 and 6
15 pF
2.4
5.5
1.0
6.5
1.0
7.0
ns
50 pF
3.5
7.0
1.0
8.0
1.0
9.0
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LS05HEX INVERTER 1 2 3 4 Motorola, Inc
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
74ALS04BHex inverter 1 2 3 4 5 MoreNXP Semiconductors
74LVT043.3V Hex inverter 1 2 3 4 5 MoreNXP Semiconductors
74LVQ04HEX INVERTER 1 2 3 4 5 MoreSTMicroelectronics
HCC4502BSTROBED HEX INVERTER/BUFFER 1 2 3 4 5 MoreSTMicroelectronics
CDC204HEX INVERTER/CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
74AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
74LVX04Low Voltage Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn