Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T105MH9AQE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # T105MH9AQE
Description  Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T105MH9AQE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  T105MH9AQE Datasheet HTML 1Page - List of Unclassifed Manufacturers T105MH9AQE Datasheet HTML 2Page - List of Unclassifed Manufacturers T105MH9AQE Datasheet HTML 3Page - List of Unclassifed Manufacturers T105MH9AQE Datasheet HTML 4Page - List of Unclassifed Manufacturers T105MH9AQE Datasheet HTML 5Page - List of Unclassifed Manufacturers T105MH9AQE Datasheet HTML 6Page - List of Unclassifed Manufacturers T105MH9AQE Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S
1
Standard with Z, C or W terminations.
(STD.) .370
 HIGH
SWITCH WITH STANDARD OPTIONS
SWITCH FUNCTION
All models
with all options when ordered with G, L, M or Q contact material.
* Wiring for 3-way switch, see page L-29.
MOM. = Momentary
T101MH9AVBE
Vertical Actuation
SPDT
NOTE: For PC mounting information, see page A-44.
ACTUATOR
ACTUATOR
ACTUATOR FINISH
M
L
S1
1
1
2
Standard with A, AV or V3 terminations.
(STD.) .210
 HIGH
.290
 HIGH
.410
 HIGH
L1
(STD.) ANTI-ROTATION, FLATTED,
.450
 HIGH
P3
M1
2
2
.220
 HIGH
.620
 HIGH
Available with T & T9 bushings only.
1 Actuator shown with standard H bushing.
Subtract .040 (1,02) for TD and D9 bushings,
subtract .090 (2,29) for T, T9, TK, K9 &
CF bushings.
2 Actuators shown with T, TK & CF bushings,
add .050 (1,27) for TD and D9 bushings,
add .090 (2,29) for H, H9, Y & Y9 bushings.
NOTE: Dress nut part number 709901201
supplied standard with threaded bushing.
All actuators have chrome finish
(except K & K1). No finish selection required.
Subminiature Toggle Switches
T Series
A
A-41
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
POS. 1
POS. 2
POS. 3
PART NUMBER
NO.
POLES
T101MH9AVBE
SPDT
ON
NONE
ON
SWITCH FUNCTION
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
POS. 1
POS. 2
POS. 3
NO.
POLES
MODEL
NO.
SCHEMATIC
T101 (STD.)
ON
NONE
ON
T103 (STD.)
ON
OFF
ON
T105 (STD.)
MOM.
OFF
MOM.
2-3
OPEN
2-1
SP
T107
ON
OFF
MOM.
T108
ON
NONE
MOM.
SPDT
T102
OFF
NONE
ON
OPEN
N/A
3-1
SPST
T201 (STD.)
ON
NONE
ON
T203
ON
OFF
ON
DP
T205
MOM.
OFF
MOM.
2-3,5-6
OPEN
2-1,5-4
DP
T207
ON
OFF
MOM.
T208
ON
NONE
MOM.
T211*
ON
ON
ON
2-3,5-6
2-3,5-4
2-1,5-4
DPDT
Rev. A 8/99


Similar Part No. - T105MH9AQE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T105 CK-COMPONENTS-T105 Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
Inchange Semiconductor ...
T1050-8G ISC-T1050-8G Datasheet
227Kb / 2P
   isc Thyristors
logo
STMicroelectronics
T1050-8G STMICROELECTRONICS-T1050-8G Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
T1050-8G STMICROELECTRONICS-T1050-8G Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
T1050-8G-TR STMICROELECTRONICS-T1050-8G-TR Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
More results

Similar Description - T105MH9AQE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com