Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDSP-52XE Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HDSP-52XE
Description  14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HDSP-52XE Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Dimensions
18.60
(0.732)
7.80
(0.307)
10°
18
14.22
(0.560)
DIGIT NO. 1
12.70
(0.500)
25.00
(0.984)
4.81
(0.191)
6.150
(0.242)
10
17 16 15 14 13 12 11
19
2345678
15.24
(0.600)
0.50
(0.020)
6.86
(0.270)
8.00
(0.315)
DATE CODE
COLOR BINNING
(NOTE 3)
2.54
(0.100)
4.27 ± 0.50
(0.168 ± 0.020)
2.34
(0.092)
TOP END VIEW
FRONT VIEW
SIDE VIEW
DIA.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. TOLERANCE IS 0.25 mm (0.01 INCH) UNLESS OTHERWISE STATED.
3. FOR GREEN AND YELLOW ONLY.
LUMINOUS
INTENSITY
CATEGORY
COUNTRY OF ORIGIN


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn