Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDSP-52XE Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HDSP-52XE
Description  14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HDSP-52XE Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
14.2 mm (0.56 inch) General Purpose
Two Digit Seven Segment Displays
Technical Data
HDSP-52xE Series
HDSP-52xG Series
HDSP-52xY Series
Features
• Industry Standard Size
• Industry Standard Pin-Out
15.24 mm (0.6 in.) DIP Leads
on 2.54 mm (0.1 in.) Centers
• Choice of Colors
Red, Green, Yellow
• Mitered Font
Mitered Corners on Segments
• Gray Face Paint
Gray Package Gives Optimum
Contrast
± 50° Viewing Angle
• Design Flexibility
Common Anode or Common
Cathode
• Categorized for Luminous
Intensity
• Green and Yellow
Categorized for Color
Applications
• Suitable for Indoor Use
• Not Recommended for
Industrial Applications, i.e.
Operating Temperatures
Requirements Exceeding
85
°C or Below -35°C[1]
• Extreme Temperature
Cycling Not
Recommended[2]
Description
These 14.2 mm (0.56 inch) two
digit displays use industry
standard size and pin-out. The
devices are available as either
common anode or common
cathode. These gray-faced
displays are available in a choice
of high efficiency red (HER),
green, or yellow colors. The
Devices
HER HDSP-
Green HDSP-
Yellow HDSP-
Description
521E
521G
521Y
Common Anode Right Hand Decimal
523E
523G
523Y
Common Cathode Right Hand Decimal
Notes:
1. For industrial applications, it is recommended to use HDSP-5521/5523/5621/5623/5721/5723.
2. For details, please contact your local Agilent sales office or an authorized distributor.
HDSP-521x and HDSP-523x
series are suitable for indoor use.
These parts are subjected to
Outgoing Quality Assurance
(OQA) inspection with AQL of
0.065% for functional and visual/
cosmetic rejects.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn