Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT374PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AHCT374PW
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT374PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT374PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 10Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 11Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 12Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 13Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 14Page - NXP Semiconductors 74AHCT374PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Sep 28
11
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374;
74AHCT374
Type 74AHCT374
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6, 8
and 9
15 pF
4.3
9.4
1.0
10.5
1.0
12.0
ns
tPZH/tPZL
propagation delay
OE to Qn
see Figs 7 and 9
3.5
10.2
1.0
11.5
1.0
13.0
ns
tPHZ/tPLZ
propagation delay
OE to Qn
3.6
10.2
1.0
11.0
1.0
13.0
ns
fmax
maximum clock
pulse frequency
see Figs 6 and 9
90
140
80
80
MHz
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6, 8
and 9
50 pF
5.6
10.4
1.0
11.5
1.0
13.0
ns
tPZH/tPZL
propagation delay
OE to Qn
see Figs 7 and 9
4.8
11.2
1.0
12.5
1.0
14.0
ns
tPHZ/tPLZ
propagation delay
OE to Qn
5.7
11.2
1.0
12.0
1.0
14.0
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 9
6.5
−−
6.5
6.5
ns
tsu
set-up time
Dn to CP
see Figs 8 and 9
2.5
−−
2.5
2.5
ns
th
hold time
Dn to CP
2.5
−−
2.5
2.5
ns
fmax
maximum clock
pulse frequency
see Figs 6 and 9
85
130
75
75
MHz


Similar Part No. - 74AHCT374PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCT374PW NEXPERIA-74AHCT374PW Datasheet
607Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
74AHCT374PW-Q100 NEXPERIA-74AHCT374PW-Q100 Datasheet
815Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
More results

Similar Description - 74AHCT374PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com