Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAALSS0034 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAALSS0034
Description  Miniature Broadband Gain Stage 70 - 3000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0034 Datasheet(HTML) 1 Page - Tyco Electronics

  MAALSS0034 Datasheet HTML 1Page - Tyco Electronics MAALSS0034 Datasheet HTML 2Page - Tyco Electronics MAALSS0034 Datasheet HTML 3Page - Tyco Electronics MAALSS0034 Datasheet HTML 4Page - Tyco Electronics MAALSS0034 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Miniature Broadband Gain Stage
70 - 3000 MHz
MAALSS0034
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Low Noise Figure
• High IP
3
• Single +3 V to +5 V Supply Voltage
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAALSS0034 broadband gain stage is
a GaAs MMIC amplifier in a lead-free SOT-89
surface mount plastic package. It can be operated
from a single 3 to 5 volt supply.
The MAALSS0034 employs a monolithic single-
stage self-biased design featuring a convenient 50-
ohm input impedance that minimizes the number of
external components required.
The broadband
design provides low noise figure and high IP3 from
70 to 3000 MHz.
M/A-COM fabricates the MAALSS0034 using an
E/D MESFET process to realize low noise and high
dynamic
range.
The
process
features
full
passivation for performance and reliability.
Pin Configuration
Pin
Pin Name
Description
1
RF In
RF Input
2
GND
Ground
3
RF Out/VDD
RF Output & Voltage Bias
Ordering Information1
Part Number
Package
MAALSS0034
Bulk Packaging
MAALSS0034TR-3000
3000 piece reel
MAALSS0034SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings4,5
Parameter
Absolute Maximum
RF Output Power
24 dBm
Voltage
6.0 volts
Storage Temperature
-65°C to +150°C
Junction Temperature
200°C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Maximum Operating Conditions2
Parameter
Maximum
Operating Condition
RF Output Power
23 dBm
Junction Temperature
3
150°C
Operating Temperature
-40°C to +85°C
2. Operating at or within these conditions will ensure MTTF
> 1 x 10
6 hours.
3. Typical thermal resistance (
θjc) = 100°C/W.
Functional Block Diagram
Pin 1
RF In
RF Out/VDD


Similar Part No. - MAALSS0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034SMB MA-COM-MAALSS0034SMB Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034TR-3000 MA-COM-MAALSS0034TR-3000 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results

Similar Description - MAALSS0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com