Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5248BRM10-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5248BRM10-RL7
Description  Dual 256-Position I2C Compatible Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5248BRM10-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5248BRM10-RL7 Datasheet HTML 7Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 8Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 9Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 10Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 11Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 12Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 13Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 14Page - Analog Devices AD5248BRM10-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5243/AD5248
Rev. 0 | Page 11 of 20
0.01
1
0.1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
TA = 25°C
VDD = 2.7V
VDD = 5.5V
Figure 23. IDD vs. Input Voltage
SCL
VW
Figure 24. Digital Feedthrough
VW1
VW2
Figure 25. Digital Crosstalk
VW1
VW2
Figure 26. Analog Crosstalk
VW
Figure 27. Midscale Glitch, Code 0x80 to 0x7F
SCL
VW
Figure 28. Large Signal Settling Time


Similar Part No. - AD5248BRM10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5248BRM10-RL7 AD-AD5248BRM10-RL7 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
More results

Similar Description - AD5248BRM10-RL7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com