Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-008091-TR3000 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAL-008091-TR3000
Description  High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-008091-TR3000 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAL-008091-TR3000 Datasheet HTML 1Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 2Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 3Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 4Page - Tyco Electronics MAAL-008091-TR3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
MAAL-008091
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Input IP3 vs. Current, F = 900 MHz
Input IP3 vs. Frequency
Typical Performance Curves
Test Conditions: TA = +25°C, Z0 = 50 Ω, VDD = 5 V, IDD = 60 mA unless otherwise specified.
Lead-Free
SOIC-8
5
9
13
17
21
0.80
0.85
0.90
0.95
1.00
3 V
5 V
6 V
8 V
Frequency (GHz)
5
9
13
17
21
20
40
60
80
3 V
5 V
6 V
8 V
I
DD
(mA)
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Additional information is available in Application Note M540, “M/A-COM GaAs MMIC LNA SOIC-8 Platform”.


Similar Part No. - MAAL-008091-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-008091-TR3000 MA-COM-MAAL-008091-TR3000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091-TR3000 MA-COM-MAAL-008091-TR3000 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
More results

Similar Description - MAAL-008091-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com