Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA-4543-TR1 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # ADA-4543-TR1
Description  Silicon Bipolar Darlington Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4543-TR1 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button ADA-4543-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADA-4543-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ADA-4543 Typical Scattering Parameters, TA = 25°C, Id = 20 mA
Freq.
S11
S21
S12
S22
K
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.1
168
16.54
6.714
175.9
0.104
-0.2
0.032
168.8
1.1
0.5
0.122
115
16.40
6.61
160.9
0.104
-1.8
0.052
100.8
1.1
0.9
0.188
73.6
16.16
6.427
146
0.105
-3.5
0.096
54
1.0
1.0
0.194
67.9
16.06
6.352
142.3
0.105
-4
0.104
46.9
1.0
1.5
0.244
37.8
15.50
5.955
125
0.104
-6.3
0.132
21.5
1.0
1.9
0.266
21.1
14.99
5.614
112.1
0.104
-7.9
0.145
7.7
1.1
2.0
0.273
16.9
14.87
5.537
109
0.103
-8.3
0.147
5
1.1
2.5
0.29
1.5
14.24
5.152
94.4
0.103
-9.9
0.151
-6.9
1.1
3.0
0.296
-11.5
13.69
4.838
80.6
0.102
-11
0.142
-16.6
1.2
3.5
0.288
-25.1
13.16
4.552
67.3
0.102
-11.8
0.125
-26.1
1.2
4.0
0.268
-39.4
12.71
4.319
54.4
0.103
-12.1
0.102
-38.2
1.3
4.5
0.248
-56.2
12.31
4.125
41.5
0.106
-12.2
0.077
-57.8
1.3
5.0
0.226
-75.8
11.83
3.904
28.6
0.11
-12.5
0.061
-87.1
1.3
5.5
0.214
-98.9
11.41
3.719
16
0.117
-12.9
0.062
-122.1
1.3
6.0
0.214
-121.9
10.96
3.531
3.3
0.126
-14.3
0.076
-151.9
1.3
6.5
0.209
-143
10.52
3.357
-9
0.138
-16.4
0.084
-177.5
1.3
7.0
0.204
-166.2
10.11
3.202
-21.5
0.153
-20.2
0.093
152.3
1.2
7.5
0.202
165.3
9.64
3.035
-34.2
0.167
-25.7
0.115
120.1
1.2
8.0
0.22
134.5
9.15
2.869
-47.1
0.181
-32.2
0.154
92.3
1.1
8.5
0.256
109.2
8.48
2.656
-59.3
0.192
-39
0.206
74
1.1
9.0
0.312
88.5
7.87
2.474
-71.1
0.204
-45.6
0.265
61.2
1.1
9.5
0.368
71.2
7.11
2.266
-83.4
0.217
-53.1
0.327
51.2
1.1
10.0
0.432
57.1
6.37
2.082
-95.1
0.227
-60.9
0.386
42.6
1.0
Notes:
1. S-parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the input lead. The
output reference plane is at the end of the output lead.


Similar Part No. - ADA-4543-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Similar Description - ADA-4543-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com