Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1835AAS-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD1835AAS-REEL
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835AAS-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD1835AAS-REEL Datasheet HTML 1Page - Analog Devices AD1835AAS-REEL Datasheet HTML 2Page - Analog Devices AD1835AAS-REEL Datasheet HTML 3Page - Analog Devices AD1835AAS-REEL Datasheet HTML 4Page - Analog Devices AD1835AAS-REEL Datasheet HTML 5Page - Analog Devices AD1835AAS-REEL Datasheet HTML 6Page - Analog Devices AD1835AAS-REEL Datasheet HTML 7Page - Analog Devices AD1835AAS-REEL Datasheet HTML 8Page - Analog Devices AD1835AAS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD1835A
–5–
Parameter
Min
Max
Unit
Comments
TDM256 MODE (Master, 48 kHz and 96 kHz)
tTBD
BCLK Delay
40
ns
From MCLK Rising
tFSD
FSTDM Delay
5
ns
From BCLK Rising
tTABDD
ASDATA Delay
10
ns
From BCLK Rising
tTDDS
DSDATA1 Setup
15
ns
To BCLK Falling
tTDDH
DSDATA1 Hold
15
ns
From BCLK Falling
TDM256 MODE (Slave, 48 kHz and 96 kHz)
fAB
BCLK Frequency
256
fS
tTBCH
BCLK High
17
ns
tTBCL
BCLK Low
17
ns
tTFS
FSTDM Setup
10
ns
To BCLK Falling
tTFH
FSTDM Hold
10
ns
From BCLK Falling
tTBDD
ASDATA Delay
15
ns
From BCLK Rising
tTDDS
DSDATA1 Setup
15
ns
To BCLK Falling
tTDDH
DSDATA1 Hold
15
ns
From BCLK Falling
TDM512 MODE (Master, 48 kHz)
tTBD
BCLK Delay
40
ns
From MCLK Rising
tFSD
FSTDM Delay
5
ns
From BCLK Rising
tTABDD
ASDATA Delay
10
ns
From BCLK Rising
tTDDS
DSDATA1 Setup
15
ns
To BCLK Falling
tTDDH
DSDATA1 Hold
15
ns
From BCLK Falling
TDM512 MODE (Slave, 48 kHz )
fAB
BCLK Frequency
512
fS
tTBCH
BCLK High
17
ns
tTBCL
BCLK Low
17
ns
tTFS
FSTDM Setup
10
ns
To BCLK Falling
tTFH
FSTDM Hold
10
ns
From BCLK Falling
tTBDD
ASDATA Delay
15
ns
From BCLK Rising
tTDDS
DSDATA1 Setup
15
ns
To BCLK Falling
tTDDH
DSDATA1 Hold
15
ns
From BCLK Falling
AUXILIARY INTERFACE (48 kHz and 96 kHz)
tAXDS
AAUXDATA Setup
10
ns
To AUXBCLK Rising
tAXDH
AAUXDATA Hold
10
ns
From AUXBCLK Rising
fABP
AUXBCLK Frequency
64
fS
Slave Mode
tAXBH
AUXBCLK High
15
ns
tAXBL
AUXBCLK Low
15
ns
tAXLS
AUXLRCLK Setup
10
ns
To AUXBCLK Rising
tAXLH
AUXLRCLK Hold
10
ns
From AUXBCLK Rising
Master Mode
tAUXLRCLK
AUXLRCLK Delay
15
ns
From AUXBCLK Falling
tAUXBCLK
AUXBCLK Delay
20
ns
From MCLK Rising
Specifications subject to change without notice.
MCLK
t
MH
PD/RST
t
ML
t
PDR
t
MCLK
Figure 1. MCLK and
PD/RST Timing


Similar Part No. - AD1835AAS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1835AAS-REEL AD-AD1835AAS-REEL Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
More results

Similar Description - AD1835AAS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
EVAL-AD1835AEB AD-EVAL-AD1835AEB Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837A AD-AD1837A Datasheet
401Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com