Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80204101Q Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S80204101Q
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S80204101Q Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  S80204101Q Datasheet HTML 1Page - List of Unclassifed Manufacturers S80204101Q Datasheet HTML 2Page - List of Unclassifed Manufacturers S80204101Q Datasheet HTML 3Page - List of Unclassifed Manufacturers S80204101Q Datasheet HTML 4Page - List of Unclassifed Manufacturers S80204101Q Datasheet HTML 5Page - List of Unclassifed Manufacturers S80204101Q Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
CONTACT MATERIAL / APPLICATION RECOMMENDATIONS — SEE CHART, PAGE L-31.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q’ contact materials.
NONE
E EPOXY SEAL
EPOXY
.075 MAX.
(1,91)
(STD.) NO SEAL
CONTACT MATERIAL
SEAL
S Series
Slide Switches
E
E-35
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
OPTION CODE
CONTACT AND TERMINAL MATERIAL
RATINGS
Q (STD.)
SILVER 2
POWER
S1XX, S2XX MODELS: 6 AMPS @ 125 V AC; 6 AMPS @
250 V AC; 1 AMP @ 125 V DC (UL / CSA).
S5XX, S6XX MODELS: 12 AMPS @ 125 V AC; 6 AMPS @
250 V AC; 1 AMP @ 125 V DC (UL / CSA).
S7XX, S8XX MODELS: 15 AMPS @ 125 V AC; 6 AMPS @
250 V AC (UL / CSA).
B
GOLD 1
LOW LEVEL / DRY CIRCUIT
0.4 VA MAX. @20 V AC OR DC max.
G
GOLD OVER SILVER 3
LOW LEVEL / DRY CIRCUIT OR POWER
S1XX, S2XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC
(UL / CSA).
S5XX, S6XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC
(UL / CSA).
S7XX, S8XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL / CSA).
Rev. A 8/99


Similar Part No. - S80204101Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
S802031SS03Q CK-COMPONENTS-S802031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
Teccor Electronics
S8020L TECCOR-S8020L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8020L LITTELFUSE-S8020L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8020L LITTELFUSE-S8020L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S8020L NJSEMI-S8020L Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S80204101Q

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com