Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M67766C Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M67766C
Description  806-825MHz, 12.5V, 16W, DIGITAL MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M67766C Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M67766C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M67766C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
806-825MHz, 12.5V, 16W, DIGITAL MOBILE RADIO
M67766C
MITSUBISHI RF POWER MODULE
Nov. ´97
TYPICAL PERFORMANCE DATA
OUTPUT POWER, EACH CURRENT
VS. FREQUENCY
FREQUENCY f (MHz)
8
4
2
0
806
815
825
835
845
855
865
PO
ICC1
6
SUPRIUS, IMD VS. FREQUENCY
FREQUENCY f (MHz)
25
20
15
10
5
0
0
-10
-20
-30
-60
INPUT POWER, INPUT VSWR, TOTAL
EFFICIENCY VS. FREQUENCY
30
25
20
15
3
2
1
-7
-8
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (dBm)
100
10
0.1
1
-14 -10
-6
-2
-18
10
VCC1=VBB1,2=8V
VCC2=12.5V
Pin=10dBm
ICC2
-40
-50
806
815
825
835
845
855
865
IMD3
FREQUENCY f (MHz)
806
815
825
835
845
855
865
-6
-5
-4
-3
-2
-1
0
ρin
Pin
2
6
100
10
1
0.1
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (dBm)
100
10
0.1
1
-14 -10
-6
-2
-18
10
2
6
100
10
1
0.1
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (dBm)
100
10
0.1
1
-14 -10
-6
-2
-18
10
2
6
100
10
1
0.1
ICC2
PO
ICC1
PO(AVE)=6W(Pin adj.)
VCC1=VBB1,2=8V
VCC2=12.5V
IMD5
2SP
3SP
ηt
PO=6W(Pin adj.)
VCC1=VBB1,2=8V
VCC2=12.5V
f=806MHz,
VCC1=VBB1,2=8V
VCC2=12.5V
ICC2
PO
ICC1
f=815MHz,
VCC1=VBB1,2=8V
VCC2=12.5V
ICC2
PO
ICC1
f=825MHz,
VCC1=VBB1,2=8V
VCC2=12.5V


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M57745B 380-400MHz 12.5V 10W DIGITAL MOBILE RADIO 1  Mitsubishi Electric Semiconductor
M68749 380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M57716L 360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M67766B 820-851MHz 12.5V 6W FM MOBILE RADIO 1  2  3  4  5  Mitsubishi Electric Semiconductor
RA30H1317M 135-175MHz 30W 12.5V MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M57747 144-148MHz 12.5V 13W FM MOBILE RADIO 1  2  3  Mitsubishi Electric Semiconductor
M67769A 890-915MHz 12.5V 13W FM MOBILE RADIO 1  Mitsubishi Electric Semiconductor
M68750 144-148MHz 12.5V 27W FM MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
RA30H4047M 400-470MHz 30W 12.5V MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M57704EL 335-360MHz 12.5V 13W FM MOBILE RADIO 1  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn