Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M67766C Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M67766C
Description  806-825MHz, 12.5V, 16W, DIGITAL MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M67766C Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M67766C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M67766C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
806-825MHz, 12.5V, 16W, DIGITAL MOBILE RADIO
M67766C
MITSUBISHI RF POWER MODULE
Nov. ´97
PIN:
Pin
: RF INPUT
VBB1 : 1st. BASE BIAS SUPPLY
VCC1: 1st. COLLECTOR BIAS SUPPLY
VBB2 : 2nd. BASE BIAS SUPPLY
VCC2: 2nd. COLLECTOR BIAS SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
6
6
7
2
3
1
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
-
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
3rd. internal modulation
Load VSWR tolerance
VCC1=VBB=8V, VCC2=12.5V,
Pin=10dBm, ZG=ZL=50
VCC1=VBB=8V, VCC2=12.5V, ZG=ZL=50
Ω,
PO(AVE)=6W(Pin:controlled), 2tone,
∆f=10kHz
VCC1=8.5V, VBB=8V, VCC2=17V,
PO=20W (Pin:controlled), ZG=50
Ω,
Load VSWR< 2:1
VCC1=VBB=8V, VCC2=12.5V,
ZG=ZL=50
Ω,
PO=6W (Pin:controlled)
806
825
16
20
-30
2.5
No degradation or
destroy
MHz
W
%
dBc
-
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
9
VBB1
V
9
VCC1
Supply voltage
V
9
VCC2
Supply voltage
A
3
ICC
Total current
mW
10
Pin (max)
Input power
W
20
PO (max)
Output power
°C
-30 to +110
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Strage temperature
ZG=ZL=50
Ω, VBB2=8V
ZG=ZL=50
ZG=ZL=50
OUTLINE DRAWING
66±1
60±1
51.5±0.5
R1.5
2-R2±0.3
4
H3
Dimensions in mm
12±1
1
2
3
4
5
6
2
7
4
5
7
5th. internal modulation
IMD3
IMD5
-24
-28
dBc
dBc
VBB2
Supply voltage
Supply voltage
ZG=ZL=50
Ω, VBB1=8V
ZG=ZL=50
Ω, VCC1=8V
ZG=ZL=50
Ω, VCC2=12.5V
ZG=ZL=50
Ω, VCC2=12.5V
ZG=ZL=50
Ω, VCC2=12.5V
17
V
φ 0.45
±0.2
16.5±1
24.5±1
33±1
43.5±1
55.5±1


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M57745B 380-400MHz 12.5V 10W DIGITAL MOBILE RADIO 1  Mitsubishi Electric Semiconductor
M68749 380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M57716L 360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M67766B 820-851MHz 12.5V 6W FM MOBILE RADIO 1  2  3  4  5  Mitsubishi Electric Semiconductor
RA30H1317M 135-175MHz 30W 12.5V MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M57747 144-148MHz 12.5V 13W FM MOBILE RADIO 1  2  3  Mitsubishi Electric Semiconductor
M67769A 890-915MHz 12.5V 13W FM MOBILE RADIO 1  Mitsubishi Electric Semiconductor
M68750 144-148MHz 12.5V 27W FM MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
RA30H4047M 400-470MHz 30W 12.5V MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M57704EL 335-360MHz 12.5V 13W FM MOBILE RADIO 1  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn