Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S101031SS03Q Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. S101031SS03Q
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S101031SS03Q Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S101031SS03Q Datasheet HTML 1Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 2Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 3Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 4Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 5Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S1-ST SNAP-IN PANEL
AVAILABLE WITH:
Models: S701, S702, S711, S712,
S801 and S802
Terminations: 04, 07, 54, 57, WC
and WR
Actuators: C1, C2, C3, CT and 03
PANEL MOUNTING
NOTE: Housing top plate finish:
matte. If no color is specified,
black will be supplied.
PANEL THICKNESS:
.020 (0,57) – .200 (5,08)
S802C21S207Q
DPDT
MS PC THRU-HOLE
AVAILABLE WITH:
Models: S101, S111, S102, S112,
S201, S202.
Terminations: 02, 04, 08, 52 and 54
Actuators: 03, 04, 09, 10, 12* and 13*
For mounting information, see
TERMINATIONS section, page E-34.
SS (STD.) PANEL WITH MOUNTING EARS
PC MOUNTING
AVAILABLE WITH:
Models: S101, S102, S111, S112,
S201, S202, S501, S502, S511,
S512, S601 and S602
Terminations: All except 08
Actuators: 03, 04, 09, 10, 12*
and 13*
*12 and 13 actuators not
available with S1XX models.
MOUNTING STYLE
PANEL MOUNTING
*12 and 13 actuators available with
S201, S202, S601 and S602 models only.
S202031SS03Q
DPDT
S202031MS02Q
DPDT
S Series
Slide Switches
E
E-33
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
OPTION
CODE
TOP PLATE
COLOR
S2
(STD.) BLACK
S1
WHITE
S3
RED
ST
BEIGE
Rev. A 8/99


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EG1201 SLIDE SWITCHES 1  2  3  4  5  E-SWITCH
EG1307 SLIDE SWITCHES 1  2  3  4  5  E-SWITCH
EG2219 SLIDE SWITCHES 1  2  3  4  5  More E-SWITCH
1000 Miniature Slide Switches 1  2  3  4  5  More ITT Industries
ES01MCBE Sealed Tiny Slide Switches 1  2  3  4  ITT Industries
GS01MCBE Sealed Ultraminiature Slide Switches 1  2  ITT Industries
CAS-120TB1 SLIDE SWITCHES 1  2  3  4  5  More List of Unclassifed Manufacturers
CHS-06TA1 SURFACE MOUNT TYPE SLIDE SWITCHES 1  2  3  4  5  More List of Unclassifed Manufacturers
LP22C21T203Q Miniature Snap-in Slide Switches 1  2  3  ITT Industries
500A SUB-MINIATURE SLIDE SWITCHES 1  2  E-SWITCH

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn