Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S101031SS03Q Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. S101031SS03Q
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S101031SS03Q Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S101031SS03Q Datasheet HTML 1Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 2Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 3Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 4Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 5Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
03
04 .500 HIGH
09 .250 HIGH
C1-CT
NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights
are available with ‘03, 04, 09 and 10’ actuators, consult Customer Service Center. Models with ‘S1, S2, S3 and ST’
mounting style, subtract .090 (2, 29). Actuators ‘12’ and ‘13’ are available with DPST and DPDT models only.
(STD.) .335
 HIGH
NOTE: Actuator finish: matte.
If no color is specified, black will be
supplied. Colored actuator caps may
also be ordered separately and user
installed, see page L-9.
White 115-230 markings (std.).
Without markings.
Standard with all maintained models: S101, S102, S103, S202, S203, S501, S502, S601, S602, S701, S702, S801 and S802.
(STD.) WITH DETENT
1
Standard with all momentary models: S111, S112, S511, S512, S711 and S712.
(STD.) WITHOUT DETENT
2
Available with ‘S1, S2, S3
and ST’ mounting style only.
ACTUATOR
DETENT
SNAP-ON CAP
12 SCREWDRIVER SLOT
(WITH MARKING)
13 SCREWDRIVER SLOT
(WITHOUT MARKING)
SWITCH FUNCTION
NOTE:
and MOM. in table indicates momentary action.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Contacts make on side actuator thrown.
S Series
Slide Switches
E
E-32
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
NO.
POLES
MODEL
NO.
AMP
RATING
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
S101 (STD.)
6
SPST
12
MM,SS
S102
6
SPDT
12
3
MS
S111
6
SPST – MOM.
12
MS
S112
6
SPDT – MOM.
12
3
MS,SS
S501
12
SPST
12
MS,SS
SP
S502
12
SPDT
12
3
MS,SS
SP
S511
12
SPST – MOM.
12
MS,SS
S512
12
SPDT – MOM.
12
3
MS,SS
S701
15
SPST
12
S1, S2, S3, ST
S702
15
SPDT
12
3
S1, S2, S3, ST
S711
15
SPST – MOM.
12
S1, S2, S3, ST
S712
15
SPDT – MOM.
12
3
S1, S2, S3, ST
OPTION
CODE2
C1-CT CAP
COLOR
C2
(STD.) BLACK
C1
WHITE
C3
RED
CT
BEIGE
NO.
POLES
MODEL
NO.
AMP
RATING
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
S201
6
DPST
12
45
MS,SS
S202 (STD.)
6
DPDT
12
45
3
6
MS,SS
S601
12
DPST
12
45
MS,SS
DP
S602
12
DPDT
12
45
3
6
MS,SS
S801
15
DPST
12
45
S1, S2, S3, ST
S802 (STD.)
15
DPDT
12
45
3
6
S1, S2, S3, ST
Rev. A 8/99


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EG1201 SLIDE SWITCHES 1  2  3  4  5  E-SWITCH
EG1307 SLIDE SWITCHES 1  2  3  4  5  E-SWITCH
EG2219 SLIDE SWITCHES 1  2  3  4  5  More E-SWITCH
1000 Miniature Slide Switches 1  2  3  4  5  More ITT Industries
ES01MCBE Sealed Tiny Slide Switches 1  2  3  4  ITT Industries
GS01MCBE Sealed Ultraminiature Slide Switches 1  2  ITT Industries
CAS-120TB1 SLIDE SWITCHES 1  2  3  4  5  More List of Unclassifed Manufacturers
CHS-06TA1 SURFACE MOUNT TYPE SLIDE SWITCHES 1  2  3  4  5  More List of Unclassifed Manufacturers
LP22C21T203Q Miniature Snap-in Slide Switches 1  2  3  ITT Industries
500A SUB-MINIATURE SLIDE SWITCHES 1  2  E-SWITCH

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn