Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S101031SS03Q Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. S101031SS03Q
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S101031SS03Q Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S101031SS03Q Datasheet HTML 1Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 2Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 3Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 4Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 5Page - List of Unclassifed Manufacturers S101031SS03Q Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Switch Function
S101 (STD.) SPST, 6 AMPS
S202 (STD.) DPDT, 6 AMPS
S802 (STD.) DPDT, 15 AMPS
S102 SPDT, 6 AMPS
S111
SPST, mom., 6 AMPS
S112 SPDT, mom., 6 AMPS
S201 DPST, 6 AMPS
S501 SPST, 12 AMPS
S502 SPDT, 12 AMPS
S511 SPST, mom., 12 AMPS
S512 SPDT, mom., 12 AMPS
S601 DPST, 12 AMPS
S602 DPDT, 12 AMPS
S701 SPST, 15 AMPS
S702 SPDT, 15 AMPS
S711 SPST, mom., 15 AMPS
S712 SPDT, mom., 15 AMPS
S801 DPST, 15 AMPS
Actuator
03 (STD.) .335
 high
04 .500
 high
09 .250
 high
12 Screwdriver slot
(with marking)
13 Screwdriver slot
(without marking)
C1 White snap-on cap
C2 Black cap
C3 Red cap
CT Beige cap
Detent
1 (STD.) With detent
2 (STD.) Without detent
Mounting Style
SS (STD.) Panel with mounting ears
MS PC thru-hole
S1 Snap-in panel
S2 Snap-in panel
S3 Snap-in panel
ST Snap-in panel
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
Switches with standard options are shown on page E-31. Available options are shown and described on pages E-32 thru E-35.
For additional options not shown in catalog, consult Customer Service Center.
Build-A-Switch
Features /Benefits
Typical Applications
S 6 to 15 AMPS
S Enclosed housing
S PC and Snap-in panel mounting
S Reversing option
S Portable tools
S Small appliances
S Floor care products
Typical Example:
S1
0
1
0
3
1
S
S
0
3
Terminations
03 (STD.) Solder lug with hole
01 Solder lug with notch
02 PC Thru-hole
04 PC Thru-hole
07 Quick connect
08 PC Thru-hole
51 Reversing feature
52 Reversing feature
53 Reversing feature
54 Reversing feature
57 Reversing feature
WC Wire lead
WR Reversing feature
Q
Housing Markings
NONE (STD.) No markings
D ON-OFF
L ON
M ON-OFF
N Red rectangle on one end
Contact Material
Q (STD.) Silver
B Gold
G Gold over silver
Seal
NONE (STD.) No seal
E Epoxy seal
Models Available
S Series
Slide Switches
E
E-30
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
EG1201 SLIDE SWITCHES 1  2  3  4  5  E-SWITCH
EG1307 SLIDE SWITCHES 1  2  3  4  5  E-SWITCH
EG2219 SLIDE SWITCHES 1  2  3  4  5  More E-SWITCH
1000 Miniature Slide Switches 1  2  3  4  5  More ITT Industries
ES01MCBE Sealed Tiny Slide Switches 1  2  3  4  ITT Industries
GS01MCBE Sealed Ultraminiature Slide Switches 1  2  ITT Industries
CAS-120TB1 SLIDE SWITCHES 1  2  3  4  5  More List of Unclassifed Manufacturers
CHS-06TA1 SURFACE MOUNT TYPE SLIDE SWITCHES 1  2  3  4  5  More List of Unclassifed Manufacturers
LP22C21T203Q Miniature Snap-in Slide Switches 1  2  3  ITT Industries
500A SUB-MINIATURE SLIDE SWITCHES 1  2  E-SWITCH

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn