Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM1520 Datasheet(PDF) 1 Page - Humirel

Part # HM1520
Description  RELATIVE HUMIDITY MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HM1520 Datasheet(HTML) 1 Page - Humirel

  HM1520 Datasheet HTML 1Page - Humirel HM1520 Datasheet HTML 2Page - Humirel HM1520 Datasheet HTML 3Page - Humirel HM1520 Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
Humirel Sensor Device Data / HPC009-20 RevA December 2000
1
PRELIMINARY DATA SHEET
RELATIVE HUMIDITY MODULE
HM1520
Based on the rugged HS1101 humidity sensor, HM1520 is a dedicated humidity transducer
designed for measurements at low humidity. Direct measurement of dew point or water
concentration can be easily obtained in really cost effective conditions. Direct interface with a
micro-controller is made possible with the module’s linear voltage output.
Main features
Tubular form for through wall mounting.
Not affected by water condensation
Full interchangeability.
Typical 1 to 1.6 Volt DC output for 0 to 20% RH at 5 V DC supply.
Calibrated, linear voltage for easy electronic interface.
Controlled temperature dependency
Ratiometric to voltage supply
Humidity sensor specific features
No affected by long period at low humidity values.
Patented solid polymer structure.
High resistance to chemicals.
Fast response time.
Maximum ratings
Ratings
Symbol
Value
Unit
Supply Voltage (Peak)
Vs
12
Vdc
Operating Range (see graph below)
RH
0 to 100
% RH
Operating Range (Dew Point)
Td
-50 to 30
°C
Operating Range in Temperature
Ta
-30 to 60
°C
Accuracy of HM1520 when used from 1 to 95% RH
-10,0
-8,0
-6,0
-4,0
-2,0
0,0
2,0
4,0
6,0
8,0
10,0
0
10
20
30
40
50
60
70
80
90
100
Relative Humidity in % Rh
Optimized
accuracy
range
+/- 3 to 5% RH
accuracy range
+/- 5 to 10% RH
accuracy range


Similar Part No. - HM1520

ManufacturerPart #DatasheetDescription
logo
Humirel
HM1520LF HUMIREL-HM1520LF Datasheet
199Kb / 4P
   RELATIVE HUMIDITY MODULE
More results

Similar Description - HM1520

ManufacturerPart #DatasheetDescription
logo
Humirel
HM1520LF HUMIREL-HM1520LF Datasheet
199Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500 HUMIREL-HM1500 Datasheet
109Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500LF HUMIREL-HM1500LF Datasheet
201Kb / 3P
   RELATIVE HUMIDITY MODULE
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
   RELATIVE HUMIDITY SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com