| Electronic Components Datasheet Search |
|
74AHC244 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
||||||||||||||||||||||||||||||
74AHC244 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 16 page 1999 Sep 28 6 Philips Semiconductors Product specification Octal buffer/line driver; 3-state 74AHC244; 74AHCT244 DC CHARACTERISTICS 74AHC family Over recommended operating conditions; voltages are referenced to GND (ground=0V). SYMBOL PARAMETER TEST CONDITIONS Tamb (°C) UNIT OTHER VCC (V) 25 −40 to +85 −40 to +125 MIN. TYP. MAX. MIN. MAX. MIN. MAX. VIH HIGH-level input voltage 2.0 1.5 −− 1.5 − 1.5 − V 3.0 2.1 −− 2.1 − 2.1 − 5.5 3.85 −− 3.85 − 3.85 − VIL LOW-level input voltage 2.0 −− 0.5 − 0.5 − 0.5 V 3.0 −− 0.9 − 0.9 − 0.9 5.5 −− 1.65 − 1.65 − 1.65 VOH HIGH-level output voltage; all outputs VI =VIH or VIL; IO = −50 µA 2.0 1.9 2.0 − 1.9 − 1.9 − V 3.0 2.9 3.0 − 2.9 − 2.9 − 4.5 4.4 4.5 − 4.4 − 4.4 − HIGH-level output voltage VI =VIH or VIL; IO = −4.0 mA 3.0 2.58 −− 2.48 − 2.40 − V VI =VIH or VIL; IO = −8.0 mA 4.5 3.94 −− 3.8 − 3.70 − VOL LOW-level output voltage; all outputs VI =VIH or VIL; IO =50 µA 2.0 − 0 0.1 − 0.1 − 0.1 V 3.0 − 0 0.1 − 0.1 − 0.1 4.5 − 0 0.1 − 0.1 − 0.1 LOW-level output voltage VI =VIH or VIL; IO =4mA 3.0 −− 0.36 − 0.44 − 0.55 V VI =VIH or VIL; IO =8mA 4.5 −− 0.36 − 0.44 − 0.55 II input leakage current VI =VCC or GND 5.5 −− 0.1 − 1.0 − 2.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND 5.5 −− ±0.25 −±2.5 −±10.0 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 4.0 − 40 − 80 µA CI input capacitance −− 310 − 10 − 10 pF |
Similar Part No. - 74AHC244 |
|
Similar Description - 74AHC244 |
|
|
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |