Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1G1
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G1 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2002 Jun 06
6
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC1G126; 74AHCT1G126
DC CHARACTERISTICS
Family 74AHC1G
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC
(V)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
V
5.5
3.85
−−
3.85
3.85
V
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
V
5.5
−−
1.65
1.65
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
1.9
V
VI =VIH or VIL;
IO = −50 µA
3.0
2.9
3.0
2.9
2.9
V
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO =50 µA
3.0
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 4.0 mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
IOZ
3-state OFF-state
current
VI =VCC or GND
5.5
−−
0.25
2.5
10
µA
ILI
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
40
µA
CI
input capacitance
1.5
10
10
10
pF


Similar Part No. - 74AHC1G1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G1 PHILIPS-74AHC1G1 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC1G125 PHILIPS-74AHC1G125 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G125 NXP-74AHC1G125 Datasheet
102Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 09-22 June 2009
logo
Diodes Incorporated
74AHC1G125 DIODES-74AHC1G125 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
logo
Nexperia B.V. All right...
74AHC1G125 NEXPERIA-74AHC1G125 Datasheet
246Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 13 - 11 January 2022
More results

Similar Description - 74AHC1G1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com