Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

569003B00000 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 569003B00000
Description  For use with TO-3 packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

569003B00000 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  569003B00000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 569003B00000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with TO-3 packages
569003b00000
VIS#002193
Mechanical Outline Drawing
A Dim 33.27 (1.31)
Thermal resistance value is based
on a 75°C rise in natural
convection
Thermal
Resistance
5.5
Page 1 of 2
Standard Products Found
2/25/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=569003b00000


Similar Part No. - 569003B00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
569003B00000G AAVID-569003B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 569003B00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
   For use with TO-3 packages
553103B00000 AAVID-553103B00000 Datasheet
78Kb / 2P
   For use with TO-3 packages
500103B00000 AAVID-500103B00000 Datasheet
89Kb / 2P
   For use with TO-3 packages
501403B00100 AAVID-501403B00100 Datasheet
85Kb / 2P
   For use with TO-3 packages
501503B00000 AAVID-501503B00000 Datasheet
87Kb / 2P
   For use with TO-3 packages
501303B00000 AAVID-501303B00000 Datasheet
84Kb / 2P
   For use with TO-3 packages
568003B00000 AAVID-568003B00000 Datasheet
87Kb / 2P
   For use with TO-3 packages
506007B00000 AAVID-506007B00000 Datasheet
85Kb / 2P
   For use with TO-3 packages
568303B00000 AAVID-568303B00000 Datasheet
90Kb / 2P
   For use with TO-3 packages
501603B00000 AAVID-501603B00000 Datasheet
84Kb / 2P
   For use with TO-3 packages
568203B00000 AAVID-568203B00000 Datasheet
87Kb / 2P
   For use with TO-3 packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com