Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82H-10024 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S82H-10024
Description  Industrial Power Supply with Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82H-10024 Datasheet(HTML) 1 Page - Omron Electronics LLC

  S82H-10024 Datasheet HTML 1Page - Omron Electronics LLC S82H-10024 Datasheet HTML 2Page - Omron Electronics LLC S82H-10024 Datasheet HTML 3Page - Omron Electronics LLC S82H-10024 Datasheet HTML 4Page - Omron Electronics LLC S82H-10024 Datasheet HTML 5Page - Omron Electronics LLC S82H-10024 Datasheet HTML 6Page - Omron Electronics LLC S82H-10024 Datasheet HTML 7Page - Omron Electronics LLC S82H-10024 Datasheet HTML 8Page - Omron Electronics LLC S82H-10024 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Switching Power Supply
S82H
Industrial Power Supply with Power
Factor Correction
Meets EN61000-3-2 (limits for harmonic current
emissions) with PFC on 100 to 600 W.
Suitable for universal usage, conforming to
EN50081-1 (Non-PFC models).
Models range from 100 to 600 W.
A wide input voltage range: 100 to 240 VAC
UL, CSA, VDE, and IEC (EN) safety conformance
EMC conformance
Three-year guarantee
Long life expectancy: 10 years min.
RC
Ordering Information
PFC
Output capacity
Output voltage
Output current
Models
No
100 W
5 V
20 A
S82H-10005
12 V
9 A
S82H-10012
15 V
7.2 A
S82H-10015
24 V
4.6 A
S82H-10024
150 W
5 V
30 A
S82H-15005
12 V
13.5 A
S82H-15012
15 V
10 A
S82H-15015
24 V
7 A
S82H-15024
Yes
100 W
5 V
20 A
S82H-P10005
12 V
9 A
S82H-P10012
15 V
7.2 A
S82H-P10015
24 V
4.6 A
S82H-P10024
150 W
5 V
30 A
S82H-P15005
12 V
13.5 A
S82H-P15012
15 V
10 A
S82H-P15015
24 V
7 A
S82H-P15024
300 W
5 V
60 A
S82H-P30005
12 V
27 A
S82H-P30012
15 V
20 A
S82H-P30015
24 V
14 A
S82H-P30024
600 W
5 V
120 A
S82H-P60005
12 V
53 A
S82H-P60012
15 V
40 A
S82H-P60015
24 V
27 A
S82H-P60024
Accessories (Order Separately)
Applicable power
supply
Bottom-mounting
Side-mounting
Front-mounting
Back-mounting
Fan
Terminal
Expansion Bracket
S82H-
j100jj
S82Y-H10B
S82Y-H10S
S82Y-H10F
---
---
S82H-
j150jj
S82Y-F15B
S82Y-F15S
---
---
---
S82H-P300
jj
S82Y-D30B
S82Y-D30S
---
S82Y-DFAN
---
S82H-P600
jj
S82Y-D60B
S82Y-D60S
---
S82Y-DFAN
S82Y-D60T


Similar Part No. - S82H-10024

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82H-10024

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com