Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4301 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SFH4301
Description  High-Speed Infrared Emitter (950 nm) in 3 mm Radial Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SFH4301 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SFH4301 Datasheet HTML 1Page - Infineon Technologies AG SFH4301 Datasheet HTML 2Page - Infineon Technologies AG SFH4301 Datasheet HTML 3Page - Infineon Technologies AG SFH4301 Datasheet HTML 4Page - Infineon Technologies AG SFH4301 Datasheet HTML 5Page - Infineon Technologies AG SFH4301 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2000-01-01
6
OPTO SEMICONDUCTORS
SFH 4301
Maßzeichnung
Package Outlines
Maße in mm, wenn nicht anders angegeben / Dimensions in mm, unless otherwise specified.
1.8
1.2
29
27
6.3
5.9
(3.5)
4.1
3.9
5.2
4.5
0.6
0.4
4.0
3.6
0.6
0.4
Chip position
Area not flat
GEX06250
Cathode
Anode
(SFH 487, SFH 4301)
(SFH 409, SFH 4332)


Similar Part No. - SFH4301

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
More results

Similar Description - SFH4301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH-4141 OSRAM-SFH-4141 Datasheet
225Kb / 9P
   Infrared Emitter (940 nm) in Mini Sidelooker Package
SFH4141 OSRAM-SFH4141 Datasheet
249Kb / 10P
   Infrared Emitter (940 nm) in Mini Sidelooker Package
SFH-4881 OSRAM-SFH-4881 Datasheet
162Kb / 11P
   Infrared Emitter (880 nm) in TO-46 Package
SFH-4883 OSRAM-SFH-4883 Datasheet
161Kb / 11P
   Infrared Emitter (880 nm) in TO-46 Package
logo
ams AG
SFH4346 AMSCO-SFH4346 Datasheet
713Kb / 14P
   Radial T1 Infrared Emitter (940 nm)
Version 1.4 2019-07-16
logo
OSRAM GmbH
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
   IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com