Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4624-6251 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4624-6251
Description  100 X 100, Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4624-6251 Datasheet(HTML) 2 Page - 3M Electronics

  4624-6251 Datasheet HTML 1Page - 3M Electronics 4624-6251 Datasheet HTML 2Page - 3M Electronics 4624-6251 Datasheet HTML 3Page - 3M Electronics 4624-6251 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ Plug
4600 Series
D
I
.155
± .010
[ 3.94 ]
See
Detail A
Notes:
1. Polarization of 10 position product can be either:Center notch: B-4610-XX5X or the Left notch “C”-4610-XX0X.
2. Notches A and C will accommodate 3M Polarization keys (Part Number 3518 or M3518).
A
C
A’
B
.100 Ref
[ 2.54 ]
Optional
Mounting
Flange
.100 Ref
[ 2.54 ]
.25
[ 6.4 ]
.025 Sq Typ
[ 0.64 ]
Position 1
.165
[ 4.19 ]
.33
[ 8.4 ]
Position 1
Orientation
Triangle
.17
[ 4.3 ]
.24
[ 6.1 ]
.25 Ref
[ 6.4 ]
Optional
Ejector/Latch
H Ref
.050 Ref
[ 1.27 ]
Threaded Mounting Flange
46XX-XXX5
Detail A
.525
[ 13.34 ]
.235
[ 5.97 ]
Notch A
See Table
and Note 2
Notch B
See Table
Notch C
See Table
and Note 2
#4-40x. 14 Long
Threaded Insert
.050 Typ
[ 1.27 ]
Nonconductive Transfer
Adhesive with Liner
Optional Closed
End Cover
.16
[ 4.1 ]
46XX
R .06
[ 1.6 ]
Slotted Mounting Flange
46XX-XXX0
.25 [ 6.4 ]
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
TS-0086-12
Sheet 2 of 4
®
®
Strain Relief
(Order Separately)
3448-46XX
Contact Quantity:
See Table
Ordering Information
Body Style
0 = w/ Mounting Flange
1 = w/o Mounting Flange
5 = Mounting Flanges w/
Threaded Insert from
Socket mating side
Polarization
0 = for Contact Qty
14 to 64
0 = for Notch C on
10 Position
5 = for Notch B on
10 Position
Ejector/Latch System
0 = None
2 = Short Ejector Latch
(3505-16)
3 = Long Ejector Latch
(3505-17)
7 = Universal Ejector Latch
(3505-21)
Contact Quantity:
See Table
Cover Style
6 = Open End (Daisy
Chaining/Bussing)
7 = Closed End (End
Cable Termination)
46XX-XXXX


Similar Part No. - 4624-6251

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4624-1032-S RAF-4624-1032-S Datasheet
103Kb / 1P
   3/8 HEX MALE FEMALE STANDOFFS
logo
Bourns Electronic Solut...
4624-RC BOURNS-4624-RC Datasheet
108Kb / 1P
   Varnished Chokes
4624-RC BOURNS-4624-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
More results

Similar Description - 4624-6251

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111382-0 MACOM-2-111382-0 Datasheet
116Kb / 1P
   KIT, DIP PLUG, PREASSEMBLED, .100 X .100 CENTERLINE, AMP-LATCH
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
   100 x 100 x 38 MM SERIES
logo
Adam Technologies, Inc.
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com