Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G126 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHCT1G126
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G126 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT1G126 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 12Page - NXP Semiconductors 74AHCT1G126 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2002 Jun 06
9
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC1G126; 74AHCT1G126
Type 74AHCT1G126
Ground = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values are measured at VCC =5V.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(PF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 7
15
3.4
5.5
1.0
6.5
1.0
7.0
ns
tPZH/tPZL
propagation delay
OE to Y
see Figs 6 and 7
15
3.4
5.6
1.0
6.3
1.0
6.5
ns
tPHZ/tPLZ
propagation delay
OE to Y
see Figs 6 and 7
15
4.0
6.8
1.0
8.0
1.0
8.5
ns
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 7
50
4.7
7.5
1.0
8.5
1.0
9.5
ns
tPZH/tPZL
propagation delay
OE to Y
see Figs 6 and 7
50
4.8
8.0
1.0
9.0
1.0
9.0
ns
tPHZ/tPLZ
propagation delay
OE to Y
see Figs 6 and 7
50
5.7
8.8
1.0
10.0
1.0
11.5
ns
Fig.5 The input (A) to output (Y) propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC1G
GND to VCC
50% VCC 50% VCC
AHCT1G
GND to 3.0 V
1.5 V
50% VCC
handbook, halfpage
MNA121
A input
Y output
tPHL
tPLH
GND
VI
VM
VM


Similar Part No. - 74AHCT1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G126 NXP-74AHCT1G126 Datasheet
103Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-17 June 2009
logo
Diodes Incorporated
74AHCT1G126 DIODES-74AHCT1G126 Datasheet
201Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
logo
Nexperia B.V. All right...
74AHCT1G126 NEXPERIA-74AHCT1G126 Datasheet
248Kb / 15P
   Bus buffer/line driver; 3-state
Rev. 10 - 11 January 2022
74AHCT1G126-Q100 NEXPERIA-74AHCT1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Texas Instruments
74AHCT1G126DBVRE4 TI1-74AHCT1G126DBVRE4 Datasheet
819Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74AHCT1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com