Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G04 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC1G04
Description  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G04 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC1G04 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 10Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 11Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 12Page - NXP Semiconductors 74AHC1G04 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2003 Sep 04
9
Philips Semiconductors
Product specification
Inverter
74AHC1G04; 74AHCT1G04
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
−−
V
IO = −8.0 mA
4.5
3.70
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.55
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
2.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
40
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0
5.5
−−
1.5
mA
CI
input capacitance
−−
10
pF
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Similar Part No. - 74AHC1G04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
logo
Nexperia B.V. All right...
74AHC1G04 NEXPERIA-74AHC1G04 Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHC1G04-Q100 NEXPERIA-74AHC1G04-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHC1G04GM NEXPERIA-74AHC1G04GM Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHC1G04GV NEXPERIA-74AHC1G04GV Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
More results

Similar Description - 74AHC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com