Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10220-55G3PC Datasheet(PDF) 3 Page - 3M Electronics

Part # D10220-55G3PC
Description  3M Mini D Ribbon (MDR) Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D10220-55G3PC Datasheet(HTML) 3 Page - 3M Electronics

  D10220-55G3PC Datasheet HTML 1Page - 3M Electronics D10220-55G3PC Datasheet HTML 2Page - 3M Electronics D10220-55G3PC Datasheet HTML 3Page - 3M Electronics D10220-55G3PC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050
″ Boardmount Thru-Hole Right Angle Receptacle - Shielded
102 Series
Position 3
Position 2
Position 1
B
± .004
A
.050 Typ
[1.27]
Ø .028
± .004
[0.70]
(See Note)*
2X Ø.110
± .004
[2.80]
.16
[4.1]
.19
[4.9]
Last Position
0
Edge of PC Board
.18 Max
[4.7]
3X .075
[1.91]
.16
[4.0]
For 20, 36, 40, & 68 Positions
Recommended Board Layout
(Viewed from Connector Side)
For 14, 26, & 50 Positions
.20
[5.0]
Ø.028
± .004
[0.70]
(See Note)*
2X Ø.110
± .004
[2.80]
.16
[4.1]
.19
[4.9]
B
± .004
A
.050 Typ
[1.27]
Last Position
Position 3
Position 2
Position 1
.16
[4.0]
.20
[5.0]
3X .075
[1.91]
.18 Max
[4.7]
Edge of PC Board
0
R .060
[ 1.5 ]
C
± .004
B
± .004
.319
± .004
[8.10]
Recommended Panel Cut-Out
*Note: Plated through holes for .063 board thickness
Position
Position
Note: Panel thickness .079 [2.00] Max.
TS-0621-10
Sheet 3 of 3
AB
C
14
.300 [7.62]
.931 [23.64]
.78 [19.9]
20
.450 [11.43]
1.081 [27.45]
.94 [23.8]
26
.600 [15.24]
1.231 [31.26]
1.09 [27.6]
36
.850 [21.59]
1.481 [37.61]
1.33 [33.9]
40
.950 [24.13]
1.581 [40.15]
1.44 [36.5]
50
1.200 [30.48]
1.831 [46.50]
1.69 [42.8]
68
1.650 [41.91]
2.281 [57.93]
2.13 [54.2]
Contact
Quantity
Dimensions


Similar Part No. - D10220-55G3PC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D1022055G3PC 3M-D1022055G3PC Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1022055G3PL 3M-D1022055G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1022055H3PC 3M-D1022055H3PC Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1022055H3PL 3M-D1022055H3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - D10220-55G3PC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com