Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10268-55G3VC Datasheet(PDF) 2 Page - 3M Electronics

Part # D10268-55G3VC
Description  3M Mini D Ribbon (MDR) Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D10268-55G3VC Datasheet(HTML) 2 Page - 3M Electronics

  D10268-55G3VC Datasheet HTML 1Page - 3M Electronics D10268-55G3VC Datasheet HTML 2Page - 3M Electronics D10268-55G3VC Datasheet HTML 3Page - 3M Electronics D10268-55G3VC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050
″ Boardmount Thru-Hole Right Angle Receptacle - Shielded
102 Series
Ordering Information
TS-0621-10
Sheet 2 of 3
Note: Must order panelmount screws: 3344-38 for M2.5, 3344-44 for #4-40.
X102XX-55X3XX
Contact Quantity:
Solder tail plating:
J or V = tin-lead over Ni
P = flash gold over Ni (RoHS compliant)
Wiping area plating:
L = 8
µ
[ 0.2 µm ] Min. Gold over 50 µ[ 1.27 µm ] Min. Ni.
C = 30
µ
[ 0.76 µm ] Min. Gold over100 µ[ 2.54 µm ] Min. Ni.
Connector Material:
Blank = Beige
D = Black (20 pos. only)
.0
.00
.000
inch ±.1
±.01 ±.005
[ ] D im ensions for R eference
Only
T olerance U nless N oted
[mm]
In ch
C
B
A
Position 3
Position 2
Position 1
.19
[4.8]
.05
[1.3]
.28
[7.2]
.190
[4.83]
.0157 Sq
[0.399]
3X .075
[1.90]
Position 2
Position 1
.25
[6.3]
.37
[9.4]
.11
[2.8]
.09
[2.3]
15
°
.050 Typ
[1.27]
Last Position
.01
[0.3]
.19
[4.8]
(2X) Threaded Hole for Panel
Mounting
(See Note in Ordering
Information)
Position 3
D
E
.21
[5.3]
.19
[4.8]
.45
[11.4]
Position
Position
Ground Lock (2X)
AB
C
DE
14
0.300 [ 7.62 ]
0.93 [ 23.6 ]
1.16 [ 29.5 ]
0.50 [ 12.6 ]
0.77 [ 19.5 ]
20
0.450 [ 11.43 ]
1.08 [ 27.5 ]
1.31 [ 33.4 ]
0.65 [ 16.4 ]
0.92 [ 23.4 ]
26
0.600 [ 15.24 ]
1.23 [ 31.3 ]
1.46 [ 37.2 ]
0.80 [ 20.2 ]
1.07 [ 27.2 ]
36
0.850 [ 21.59 ]
1.48 [ 37.6 ]
1.71 [ 43.5 ]
1.05 [ 26.6 ]
1.32 [ 33.5 ]
40
0.950 [ 24.13 ]
1.58 [ 40.2 ]
1.81 [ 46.1 ]
1.15 [ 29.1 ]
1.42 [ 36.1 ]
50
1.200 [ 30.48 ]
1.83 [ 46.5 ]
2.06 [ 52.4 ]
1.40 [ 35.5 ]
1.67 [ 42.4 ]
68
1.650 [ 41.91 ]
2.28 [ 57.9 ]
2.51 [ 63.8 ]
1.85 [ 46.9 ]
2.12 [ 53.8 ]
Dimensions
Contact
Quantity
Panelmount thread size:
G = M2.5 (14, 20, 26, 36, 40 position)
H = #4-40 (20, 36, 50 & 68 position)


Similar Part No. - D10268-55G3VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D1026855G3PC 3M-D1026855G3PC Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1026855G3PL 3M-D1026855G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1026855H3PC 3M-D1026855H3PC Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
D1026855H3PL 3M-D1026855H3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - D10268-55G3VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com