Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM15MD3-12H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM15MD3-12H
Description  MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM15MD3-12H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM15MD3-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM15MD3-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM15MD3-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM15MD3-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM15MD3-12H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
N
CIRCUIT DIAGRAM
E
R
S
A
KP1
GU
GU
EU
U
GV
GV
EV
V
GW
GW
EW
W
TERMINAL
MAIN CIRCUIT
t = 0.5
1
2
(30°)
TERMINAL
CONTROL CIRCUIT
t = 0.5
0.8
MARKING(PRODUCT’S NAME AND LOT NUMBER)
LABEL
GW
NOT CONNECTED
E
GV
GU
EW
GW
EV
GV
GU
EU
NOT CONNECTED
P1
K
RS
A
U
V
W
N
5
8
8 12.5 12.5 8
8
80 ±0.3
90 ±0.5
16.5
7.62
7.62
7.62
12.28
8
8
7.5
8
2-
φ4.8 ±0.2
2-
φ4.8 ±0.1 MOUNTING HOLES
Note. Not use the guiding holes to mount on the cooling fin.
CM15MD3-12H
APPLICATION
AC & DC motor controls, General purpose inverters, Servo controls, NC, Robotics, UPS
MITSUBISHI IGBT MODULES
CM15MD3-12H
MEDIUM POWER SWITCHING USE
FLAT-BASE TYPE, INSULATED TYPE
¡IC ..................................................................... 15A
¡VCES ............................................................600V
¡Insulated Type
¡CIB Module
3
φ Inverter+1φ Converter
¡UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Similar Part No. - CM15MD3-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM15MD3-12H POWEREX-CM15MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 15 Amperes/600 Volts
More results

Similar Description - CM15MD3-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM20MD1-12H MITSUBISHI-CM20MD1-12H Datasheet
153Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM50MD1-12H MITSUBISHI-CM50MD1-12H Datasheet
127Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM30MD3-12H MITSUBISHI-CM30MD3-12H Datasheet
135Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM20MD3-12H MITSUBISHI-CM20MD3-12H Datasheet
139Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10MD3-12H MITSUBISHI-CM10MD3-12H Datasheet
377Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10MD1-12H MITSUBISHI-CM10MD1-12H Datasheet
144Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM15MD1-12H MITSUBISHI-CM15MD1-12H Datasheet
155Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
CM10AD00-12H MITSUBISHI-CM10AD00-12H Datasheet
68Kb / 4P
   MEDIUM POWER SWITCHING USE FLAT BASE, INSULATED TYPE
CM50AD00-12H MITSUBISHI-CM50AD00-12H Datasheet
66Kb / 4P
   MEDIUM POWER SWITCHING USE FLAT BASE, INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com