Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99414-0016T Datasheet(PDF) 1 Page - 3M Electronics

Part # 99414-0016T
Description  Pak 100 PCB 100100 Two Row
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

99414-0016T Datasheet(HTML) 1 Page - 3M Electronics

  99414-0016T Datasheet HTML 1Page - 3M Electronics 99414-0016T Datasheet HTML 2Page - 3M Electronics 99414-0016T Datasheet HTML 3Page - 3M Electronics 99414-0016T Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
data_pp (For Web PDF Output)
3M
Pak 100 PCB
.100
″× .100″ Two Row
994 Series
TS-2100-01
Sheet 1 of 3
Date Modified: April 29, 2004
S Fits standard .100
″× .100″ header layout
S Uses less board area then 4--row design
S Preassembled cover for fast termination
Physical
Insulation
Material: Glass Filled Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 50-90
µ″ [1.25-2.25 µm] Nickel
U--Slot and Solder Tails: 100-200
µ″ [2.5-5.0 µm] [90/10] Tin-Lead
Wire Accommodation: 28 AWG Stranded, PVC insulation, Gray or color-coded construction
Marking: 3M logo
Electrical
Current Rating: 1.0 A
Insulation Resistance: >1,000
ΜΩ min. at 500 VDC
Withstanding Voltage 650 VAC for 1 minute
Environmental
Temperature Rating: --55
°C to +105°C
UL File No.: E68080


Similar Part No. - 99414-0016T

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9941 BELDEN-9941 Datasheet
211Kb / 2P
   RS-232, #22-5c, SR-PVC, BeldfoilBraid, PVC Jkt, CMG
04-19-2023
9941-060100 BELDEN-9941-060100 Datasheet
211Kb / 2P
   RS-232, #22-5c, SR-PVC, BeldfoilBraid, PVC Jkt, CMG
04-19-2023
9941-0601000 BELDEN-9941-0601000 Datasheet
211Kb / 2P
   RS-232, #22-5c, SR-PVC, BeldfoilBraid, PVC Jkt, CMG
04-19-2023
9941-060500 BELDEN-9941-060500 Datasheet
211Kb / 2P
   RS-232, #22-5c, SR-PVC, BeldfoilBraid, PVC Jkt, CMG
04-19-2023
9941-0605000 BELDEN-9941-0605000 Datasheet
211Kb / 2P
   RS-232, #22-5c, SR-PVC, BeldfoilBraid, PVC Jkt, CMG
04-19-2023
More results

Similar Description - 99414-0016T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
3900 3M-3900 Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
N3793-2203RB 3M-N3793-2203RB Datasheet
1Mb / 6P
   .100 횞 .100 Latch/Ejector, Straight and Right Angle
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
   100??횞 .100??Latch/Ejector, Straight and Right Angle
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
   .100 횞 .100 Latch/Ejector, Straight and Right Angle
N4660-2000 3M-N4660-2000 Datasheet
981Kb / 3P
   3M??Surface Mount Header .100??횞 .100??High Temperature
30326-6002HB 3M-30326-6002HB Datasheet
787Kb / 4P
   .100 횞 .100 Straight and Right Angle, Four-Wall
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com