Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

99410-0016T Datasheet(PDF) 1 Page - 3M Electronics

Part No. 99410-0016T
Description  Pak 100 PCB 100 × 100 Two Row
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

99410-0016T Datasheet(HTML) 1 Page - 3M Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
data_pp (For Web PDF Output)
3M
Pak 100 PCB
.100
″× .100″ Two Row
994 Series
TS-2100-01
Sheet 1 of 3
Date Modified: April 29, 2004
S Fits standard .100
″× .100″ header layout
S Uses less board area then 4--row design
S Preassembled cover for fast termination
Physical
Insulation
Material: Glass Filled Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 50-90
µ″ [1.25-2.25 µm] Nickel
U--Slot and Solder Tails: 100-200
µ″ [2.5-5.0 µm] [90/10] Tin-Lead
Wire Accommodation: 28 AWG Stranded, PVC insulation, Gray or color-coded construction
Marking: 3M logo
Electrical
Current Rating: 1.0 A
Insulation Resistance: >1,000
ΜΩ min. at 500 VDC
Withstanding Voltage 650 VAC for 1 minute
Environmental
Temperature Rating: --55
°C to +105°C
UL File No.: E68080


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn