Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC579 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC579
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC579 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC579 Datasheet HTML 1Page - Hittite Microwave Corporation HMC579 Datasheet HTML 2Page - Hittite Microwave Corporation HMC579 Datasheet HTML 3Page - Hittite Microwave Corporation HMC579 Datasheet HTML 4Page - Hittite Microwave Corporation HMC579 Datasheet HTML 5Page - Hittite Microwave Corporation HMC579 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2
2 - 53
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
RF Input (Vdd = +5V)
+13 dBm
Supply Voltage (Vdd1, Vdd2)
+6.0 Vdc
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 7.3 mW/°C above 85 °C)
656 mW
Thermal Resistance
(Channel to die bottom)
137 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004” SQUARE.
4. TYPICAL BOND SPACING IS .006” CENTER TO CENTER.
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METALIZATION: GOLD
7. BACKSIDE METAL IS GROUND.
8. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS.
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
4.5
69
5.0
70
5.5
70
Note:
Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate [2]
GP-2
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] Reference this suffix only when ordering alternate die
packaging.
HMC579
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 32 - 46 GHz OUTPUT
v00.0506


Similar Part No. - HMC579

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
More results

Similar Description - HMC579

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC-C034 HITTITE-HMC-C034 Datasheet
242Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 32 - 46 GHz OUTPUT
HMC598 HITTITE-HMC598_10 Datasheet
397Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
HMC598 HITTITE-HMC598 Datasheet
234Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
logo
Analog Devices
HMC598 AD-HMC598 Datasheet
355Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC448 HITTITE-HMC448_06 Datasheet
323Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
HMC814 HITTITE-HMC814_09 Datasheet
243Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC449 HITTITE-HMC449 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
logo
Analog Devices
HMC576 AD-HMC576 Datasheet
305Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com