Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC126PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC126PW
Description  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC126PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC126PW Datasheet HTML 3Page - NXP Semiconductors 74AHC126PW Datasheet HTML 4Page - NXP Semiconductors 74AHC126PW Datasheet HTML 5Page - NXP Semiconductors 74AHC126PW Datasheet HTML 6Page - NXP Semiconductors 74AHC126PW Datasheet HTML 7Page - NXP Semiconductors 74AHC126PW Datasheet HTML 8Page - NXP Semiconductors 74AHC126PW Datasheet HTML 9Page - NXP Semiconductors 74AHC126PW Datasheet HTML 10Page - NXP Semiconductors 74AHC126PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 29
7
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC126; 74AHCT126
AC CHARACTERISTICS
Type 74AHC126
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 15 pF
4.7
8.0
1.0
9.5
1.0
10.0
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7
5.3
8.0
1.0
9.5
1.0
10.0
ns
tPHZ/tPLZ
propagation delay
nOE to nY
6.6
9.7
1.0
11.5
1.0
12.5
ns
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 50 pF
6.7
11.5
1.0
13.0
1.0
14.5
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7
7.6
11.5
1.0
13.0
1.0
14.5
ns
tPHZ/tPLZ
propagation delay
nOE to nY
9.4
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 15 pF
3.3
5.5
1.0
6.5
1.0
7.0
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7
3.6
5.3
1.0
6.1
1.0
7.0
ns
tPHZ/tPLZ
propagation delay
nOE to nY
4.7
6.8
1.0
8.0
1.0
8.5
ns
tPHL/tPLH
propagation delay
nA to nY
see Figs 5 and 7 50 pF
4.7
7.5
1.0
8.5
1.0
9.5
ns
tPZH/tPZL
propagation delay
nOE to nY
see Figs 6 and 7
5.1
7.6
1.0
8.7
1.0
9.5
ns
tPHZ/tPLZ
propagation delay
nOE to nY
6.7
8.8
1.0
10.0
1.0
11.0
ns


Similar Part No. - 74AHC126PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC126PW NXP-74AHC126PW Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHC126PW NEXPERIA-74AHC126PW Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHC126PW-Q100 NEXPERIA-74AHC126PW-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
More results

Similar Description - 74AHC126PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com