Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC566 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part No. HMC566
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC566 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 220
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1IN
This pad is AC coupled and matched to
50 Ohms from 29 - 36 GHz.
2, 3, 4, 5
Vdd1, 2, 3, 4
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
6OUT
This pad is AC coupled and matched to
50 Ohms from 29 - 36 GHz.
Die Bottom
GND
Die Bottom must be connected to RF/DC ground.
Pad Descriptions
Assembly Diagram
HMC566
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 29 - 36 GHz
v00.0306


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463LP5GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC490GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER 12 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC518GaAs PHEMT MMIC LOW NOISE AMPLIFIER 20 - 32 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC490LP5GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER 12 - 16 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn