Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC565 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC565
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC565 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 213
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2, Vdd3)
+3.5 Vdc
RF Input Power (RFin)(Vdd = +3.0 Vdc)
0 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 8.9 mW/°C above 85 °C)
0.75 W
Thermal Resistance
(channel to die bottom)
119 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Vdd (Vdc)
Idd (mA)
+2.5
51
+3.0
53
+3.5
55
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above.
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
GP-2
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
v00.0206
HMC565
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 6 - 20 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463LP5GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC490GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER 12 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC518GaAs PHEMT MMIC LOW NOISE AMPLIFIER 20 - 32 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC490LP5GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER 12 - 16 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn