Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC560LM3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC560LM3
Description  GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC560LM3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC560LM3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC560LM3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7
7 - 423
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
Evaluation Circuit Board Layout Design Details
Layout Technique
Micro Strip to CPWG
Material
Rogers 4003 with 1/2 oz. Cu
Dielectric Thickness
0.008” (0.20 mm)
Microstrip Line Width
0.018” (0.46 mm)
CPWG Line Width
0.016” (0.41 mm)
CPWG Line to GND Gap
0.005” (0.13 mm)
Ground Via Hole Diameter
0.008” (0.20 mm)
The grounded Co-Planar Wave Guide (CPWG) PCB input/output transitions allow use of Ground-Signal-Ground
(GSG) probes for testing. Suggested probe pitch is 400 mm (16 mils). Alternatively, the board can be mounted
in a metal housing with 2.4 mm coaxial connectors.
LM3 package mounted to evaluation PCB
HMC560LM3
v00.0705
GaAs MMIC FUNDAMENTAL
SMT MIXER, 24 - 40 GHz


Similar Part No. - HMC560LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC560LM3 HITTITE-HMC560LM3 Datasheet
229Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
More results

Similar Description - HMC560LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC560LM3 HITTITE-HMC560LM3_08 Datasheet
229Kb / 8P
   GaAs MMIC FUNDAMENTAL SMT MIXER, 24 - 40 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC560 HITTITE-HMC560 Datasheet
289Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC329LC3B HITTITE-HMC329LC3B_09 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com