Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT00PWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT00PWDH
Description  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT00PWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT00PWDH Datasheet HTML 3Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 4Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 5Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 6Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 7Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 8Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 9Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 10Page - NXP Semiconductors 74AHCT00PWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 23
7
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74AHC00; 74AHCT00
AC CHARACTERISTICS
Type 74AHC00
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
Type 74AHCT00
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 5 and 6 15 pF
4.5
7.9
1.0
9.5
1.0
10.0
ns
50 pF
6.0
11.4
1.0
13.0
1.0
14.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 5 and 6 15 pF
3.2
5.5
1.0
6.5
1.0
7.0
ns
50 pF
4.5
7.5
1.0
8.5
1.0
9.5
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 5 and 6
15 pF
3.3
6.9
1.0
8.0
1.0
9.0
ns
50 pF
4.5
7.9
1.0
9.0
1.0
10.0
ns


Similar Part No. - 74AHCT00PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT00PW NXP-74AHCT00PW Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74AHCT00PW NEXPERIA-74AHCT00PW Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHCT00PW-Q100 NEXPERIA-74AHCT00PW-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
More results

Similar Description - 74AHCT00PWDH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com