Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC132 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74AHC132
Description  Quad 2-input NAND Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC132 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC132 Datasheet HTML 2Page - NXP Semiconductors 74AHC132 Datasheet HTML 3Page - NXP Semiconductors 74AHC132 Datasheet HTML 4Page - NXP Semiconductors 74AHC132 Datasheet HTML 5Page - NXP Semiconductors 74AHC132 Datasheet HTML 6Page - NXP Semiconductors 74AHC132 Datasheet HTML 7Page - NXP Semiconductors 74AHC132 Datasheet HTML 8Page - NXP Semiconductors 74AHC132 Datasheet HTML 9Page - NXP Semiconductors 74AHC132 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 24
6
Philips Semiconductors
Product specification
Quad 2-input NAND Schmitt trigger
74AHC132; 74AHCT132
Type 74AHCT132
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VT+
positive going
threshold
4.5
−−
1.9
1.9
1.9
V
5.5
−−
2.1
2.1
2.1
V
VT−
negative going
threshold
4.5
0.5
−−
0.5
0.5
V
5.5
0.6
−−
0.6
0.6
V
VH
hysteresis
(VT+ − VT−)
4.5
0.3
1.4
0.3
1.4
0.3
1.4
V
5.5
0.3
1.5
0.3
1.5
0.3
1.5
V
VOH
HIGH-level output
voltage; all
outputs
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
HIGH-level output
voltage
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.7
V
VOL
LOW-level output
voltage; all
outputs
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
LOW-level output
voltage
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
2.0
20
40
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 2.1 V
other inputs at
VCC or GND;
IO =0
4.5 to 5.5
−−
1.35
1.5
1.5
mA
CI
input capacitance
310
10
10
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn