Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC546LP2E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC546LP2E
Description  GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC546LP2E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC546LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 4Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 5Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 6Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 7Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 8Page - Hittite Microwave Corporation HMC546LP2E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8
8 - 291
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Voltage with 2350 MHz Tuning
Return Loss with 2350 MHz Tuning
Insertion Loss vs.
Temperature, Tx with 2350 MHz Tuning
Isolation with 2350 MHz Tuning
Insertion Loss vs.
Temperature, Rx with 2350 MHz Tuning
v00.0506
HMC546LP2 / 546LP2E
-3
-2.5
-2
-1.5
-1
-0.5
0
2.3
2.35
2.4
2.45
2.5
Rx, +25C
Rx, +85C
Rx, -40C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
2.3
2.35
2.4
2.45
2.5
Tx, Input
Tx, Output
Rx, Input
Rx, Output
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
65
70
75
34
56
78
RFC to Tx
RFC to Rx
VOLTAGE (Vdc)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.3
2.35
2.4
2.45
2.5
RFC to Tx
RFC to Rx
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
2.3
2.35
2.4
2.45
2.5
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
GaAs MMIC 10W FAILSAFE SWITCH
0.2 - 2.7 GHz


Similar Part No. - HMC546LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546LP2E HITTITE-HMC546LP2E Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
logo
Analog Devices
HMC546LP2E AD-HMC546LP2E Datasheet
251Kb / 13P
   10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
HMC546LP2ETR AD-HMC546LP2ETR Datasheet
251Kb / 13P
   10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
More results

Similar Description - HMC546LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC546LP2E AD-HMC546LP2E Datasheet
251Kb / 13P
   10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
logo
Hittite Microwave Corpo...
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
   GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC646LP2 HITTITE-HMC646LP2 Datasheet
323Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com