Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC126 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74AHC126
Description  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC126 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHC126 Datasheet HTML 1Page - NXP Semiconductors 74AHC126 Datasheet HTML 2Page - NXP Semiconductors 74AHC126 Datasheet HTML 3Page - NXP Semiconductors 74AHC126 Datasheet HTML 4Page - NXP Semiconductors 74AHC126 Datasheet HTML 5Page - NXP Semiconductors 74AHC126 Datasheet HTML 6Page - NXP Semiconductors 74AHC126 Datasheet HTML 7Page - NXP Semiconductors 74AHC126 Datasheet HTML 8Page - NXP Semiconductors 74AHC126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Sep 29
4
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC126; 74AHCT126
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO packages: above 70
°C the value of PD derates linearly with 8 mW/K.
For TSSOP packages: above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient temperature
range
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f) input rise and fall rates
VCC = 3.3 V ±0.3 V −−
100
−−−
ns/V
VCC =5V ±0.5 V
−−
20
−−
20
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage range
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
DC output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
DC VCC or GND current
−±75
mA
Tstg
storage temperature range
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C; note 2
500
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC125Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74HC125Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74LVC125Quad buffer/line driver; 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC126Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74AHC125Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74AHC1G125Bus buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74AVC1624416-bit buffer/line driver; 3-state 3.6 V tolerant 1 2 3 4 5 MoreNXP Semiconductors
74F173Quad D-type flip-flop 3-State 1 2 3 4 5 MoreNXP Semiconductors
74F258AQuad 2-line to 1-line selector/multiplexer inverting 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVT1263.3V Quad buffer 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn