Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

89110-0001HA Datasheet(PDF) 1 Page - 3M Electronics

Part No. 89110-0001HA
Description  3M Pak 100 Preassembled Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

89110-0001HA Datasheet(HTML) 1 Page - 3M Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
data_pp (For Web PDF Output)
3MPak 100 Preassembled Wiremount Socket
.100″× .100″ for .050″ Pitch Cable
891 Series
TS-0449-18
Sheet 1 of 2
S
Preassembled, terminates faster than
two-piece sockets
S
‘‘Sword’’ packaging makes easy loading of
manual and semi-automatic assembly equipment
S
‘‘Bumps’’ prevent premature latch locking
during shipment
S
Optional double-sided adhesive pull tab for
easy unplugging
S
Double-recessed cover for cable terminating
from either side eliminates need for
single-recessed cover connectors
Date Modified: May 17, 2004
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Phosphor Bronze (C510)
Plating
Underplating: 100 µ″ [2.54 µm ] Nickel — QQ-N-290, Class 2
Wiping Area: 30 µ″ [0.76 µm ] Gold — MIL-G-45204, Type II, Grade C
Wire Accommodation: 26 & 28 AWG Stranded
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 1A
Insulation Resistance: >1 × 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: --55°C to +105°C
UL File No.: E68080


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn