Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4614-6200 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4614-6200
Description  100 X 100, Plug
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4614-6200 Datasheet(HTML) 4 Page - 3M Electronics

  4614-6200 Datasheet HTML 1Page - 3M Electronics 4614-6200 Datasheet HTML 2Page - 3M Electronics 4614-6200 Datasheet HTML 3Page - 3M Electronics 4614-6200 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ Plug
4600 Series
Table 3
Contact
Quantity
3M Part
Number Series
Dimension A
Dimension B
10
4610
1.200 [ 30.48 ]
0.945 [ 24.00 ]
14
4614
1.400 [ 35.56 ]
1.145 [ 29.08 ]
16
4616
1.500 [ 38.10 ]
1.245 [ 31.62 ]
20
4620
1.700 [ 43.18 ]
1.445 [ 36.70 ]
24
4624
1.900 [ 48.26 ]
1.645 [ 41.78 ]
26
4626
2.000 [ 50.80 ]
1.745 [ 44.32 ]
30
4630
2.200 [ 55.88 ]
1.945 [ 49.40 ]
34
4634
2.400 [ 60.96 ]
2.145 [ 54.48 ]
36
4636
2.500 [ 63.50 ]
2.245 [ 57.02 ]
40
4640
2.700 [ 68.58 ]
2.445 [ 62.10 ]
50
4650
3.200 [ 81.28 ]
2.945 [ 74.80 ]
60
4660
3.700 [ 93.98 ]
3.445 [ 87.50 ]
64
4664
3.900 [ 99.06 ]
3.645 [ 92.58 ]
Notes:
1. Accepts #4 pan head machine screw.
2. For a rear mount plug connector with Ejector/Latches the recommended maximum panel thickness is .125 [ 3.16 ].
3. Without polarizing tabs .340 [ 8.64 ].
.400 Min
[ 10.16 ]
R .018 Max
[ 0.46 ]
∅ .125
[ 3.17 ]
(See Note 1)
.170
[ 4.32 ]
.450 Min
[ 11.45 ]
.370
[ 9.40 ]
(See Note 3)
Polarizing
Tabs
This Side
Rear Mount Panel Cutout
TS-0086-12
Sheet 4 of 4
BA


Similar Part No. - 4614-6200

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4614 POMONA-4614 Datasheet
29Kb / 1P
   Mounting Base, Triple Banana Jack and Binding Post, Miniature
logo
Alpha & Omega Semicondu...
4614 AOSMD-4614 Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
logo
Heyco.
4614 HEYCO-4614 Datasheet
340Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Alpha Wire
461419 ALPHAWIRE-461419 Datasheet
97Kb / 4P
   Customer Specification
2/17/2023
logo
TE Connectivity Ltd
46145 TEC-46145 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
More results

Similar Description - 4614-6200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111382-0 MACOM-2-111382-0 Datasheet
116Kb / 1P
   KIT, DIP PLUG, PREASSEMBLED, .100 X .100 CENTERLINE, AMP-LATCH
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
   100 x 100 x 38 MM SERIES
logo
Adam Technologies, Inc.
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
   .100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com