Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC499LC4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC499LC4
Description  SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC499LC4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC499LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC499LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 522
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 5-8, 10-14,
18, 20, 22, 24
N/C
No connection required. These pins may be connected to
RF/DC ground without affecting performance.
2, 4, 15, 17
GND
Package bottom has an exposed metal paddle that must also
be connected to RF/DC ground.
3
RFIN
This pin is AC coupled and matched to 50 Ohms from
21 - 32 GHz.
9
Vgg
Gate control for amplifier. Adjust to achieve Id of 200 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF,
1000 pF and 2.2
μF are required.
16
RFOUT
This pad is AC coupled and matched to 50 Ohms from
21 - 32 GHz.
23, 21, 19
Vdd1, Vdd2, Vdd3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF, 1000pF, and 2.2
μF are required.
Pin Descriptions
Application Circuit
Component
Value
C1
100 pF
C2
1,000 pF
C3
2.2 μF
HMC499LC4
SMT PHEMT MEDIUM
POWER AMPLIFIER, 21 - 32 GHz
v00.1204


Similar Part No. - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4 Datasheet
244Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
314Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER
HMC499LC4 AD-HMC499LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4_09 Datasheet
244Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
Analog Devices
ADH499S AD-ADH499S Datasheet
209Kb / 7P
   21 - 32 GHz Medium Power Amplifier
Rev. A
HMC499LC4 AD-HMC499LC4_18 Datasheet
314Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com