Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC487LP5E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC487LP5E
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC487LP5E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC487LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC487LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
5 - 489
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Vdd (Vdc)
Idd (mA)
+6.5
1330
+7.0
1300
+7.5
1285
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above. Vgg adjusted to achieve Idd= 1300 mA at +7.0V.
Power Dissipation*
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
INPUT POWER (dBm)
11 GHz
Max Pdiss @ +85C
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, 2, 3, 4, 5)
+8 Vdc
Gate Bias Voltage (Vgg)
-2.0 to 0 Vdc
RF Input Power (RFin)(Vdd = +7.0 Vdc)
+20 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 154 mW/°C above 85 °C)
10 W
Thermal Resistance
(channel to ground paddle)
6.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Outline Drawing
* Refer to “Thermal Management for Surface Mount
Components” application note herein.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC487LP5
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H487
XXXX
HMC487LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H487
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Package Information
HMC487LP5 / 487LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 9 - 12 GHz
v01.0705
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC487LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC487LP5E HITTITE-HMC487LP5E Datasheet
247Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
logo
Analog Devices
HMC487LP5E AD-HMC487LP5E Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
HMC487LP5E AD-HMC487LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
HMC487LP5ETR AD-HMC487LP5ETR Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
More results

Similar Description - HMC487LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC486LP5 HITTITE-HMC486LP5_10 Datasheet
250Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC949 HITTITE-HMC949_11 Datasheet
980Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com