Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC474MP86 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC474MP86
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC474MP86 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC474MP86 Datasheet HTML 1Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 2Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 3Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 4Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 5Page - Hittite Microwave Corporation HMC474MP86 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5
5 - 422
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Gain, Power & OIP3 vs. Supply Voltage
for Constant Icc= 25 mA @ 850 MHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Icc vs. Vcc Over Temperature for
Fixed Vs= 5V, RBIAS= 110 Ohms
Gain, Power & OIP3 vs. Supply Voltage
for Rs = 110 Ohms @ 850 MHz
0
2
4
6
8
10
12
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
4.75
5
5.25
Gain
P1dB
Psat
OIP3
Vs (Vdc)
5
10
15
20
25
30
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
21
22
23
24
25
26
27
28
2
2.1
2.2
2.3
2.4
2.5
2.6
Vcc (Vdc)
+85 C
+25 C
-40 C
0
2
4
6
8
10
12
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
3
456
789
10
Gain
P1dB
Psat
OIP3
Vs (Vdc)
HMC474MP86 / 474MP86E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6.0 GHz
v01.0705


Similar Part No. - HMC474MP86

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC474MP86 HITTITE-HMC474MP86 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86E HITTITE-HMC474MP86E Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86 HITTITE-HMC474MP86_09 Datasheet
224Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC474MP86

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC476MP86 HITTITE-HMC476MP86 Datasheet
207Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC482ST89 HITTITE-HMC482ST89 Datasheet
333Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com