Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC453ST89E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC453ST89E
Description  InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC453ST89E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC453ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 6Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 7Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 8Page - Hittite Microwave Corporation HMC453ST89E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5
5 - 321
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss
vs. Temperature @ 470 MHz
Output Return Loss
vs. Temperature @ 470 MHz
Broadband Gain
& Return Loss @ 470 MHz
Gain vs. Temperature @ 470 MHz
P1dB vs. Temperature @ 470 MHz
Psat vs. Temperature @ 470 MHz
-15
-10
-5
0
5
10
15
20
25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
S21
S11
S22
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.43
0.45
0.47
0.49
0.51
0.53
+25 C
+85 C
-40 C
FREQUENCY (GHz)
24
25
26
27
28
29
30
31
32
33
34
0.43
0.45
0.47
0.49
0.51
0.53
+25 C
+85 C
-40 C
FREQUENCY (GHz)
24
25
26
27
28
29
30
31
32
33
34
0.43
0.45
0.47
0.49
0.51
0.53
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.43
0.45
0.47
0.49
0.51
0.53
+25 C
+85 C
-40 C
FREQUENCY (GHz)
12
13
14
15
16
17
18
19
20
21
22
23
0.43
0.45
0.47
0.49
0.51
0.53
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC453ST89 / 453ST89E
v01.0205
InGaP HBT 1.6 WATT POWER
AMPLIFIER, 0.4 - 2.2 GHz


Similar Part No. - HMC453ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC453ST89E HITTITE-HMC453ST89E Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results

Similar Description - HMC453ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_09 Datasheet
705Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G Datasheet
379Kb / 12P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC413QS16G HITTITE-HMC413QS16G_09 Datasheet
288Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
HMC413QS16G HITTITE-HMC413QS16G Datasheet
318Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com