Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC450QS16G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. HMC450QS16G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC450QS16G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5
5 - 241
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Power Compression @ 900 MHz
ACPR vs. Supply Voltage @ 900 MHz
CDMA IS95, 9 Channels Forward
0
4
8
12
16
20
24
28
32
36
40
-20
-16
-12
-8
-4
0
4
8
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
8
10121416182022
24
Channel Power (dBm)
CDMA IS95
Frequency: 900 MHz
Integration BW: 1.228 MHz
Forward Link, 9 Channels
5.5V
4.5V
5V
Source ACPR
1
1.2
1.4
1.6
1.8
2
-20
-15
-10
-5
0
5
10
INPUT POWER (dBm)
Max Pdiss @ +85C
Power Dissipation@ 900 MHz
HMC450QS16G / 450QS16GE
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 0.8 - 1.0 GHz
v02.0406


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn