Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC424LH5 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC424LH5
Description  0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC424LH5 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC424LH5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC424LH5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC424LH5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC424LH5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC424LH5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC424LH5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
6 - 118
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Description
Suggested Driver Circuit (One Circuit Required Per Bit Control Input)
Simple driver using inexpensive standard logic ICs provides fast
switching using minimum DC current.
* Recommended value to suppress unwanted RF signals at V1
- V6 control lines.
Pad Number
Function
Description
Interface Schematic
1, 9
RF1, RF2
This pin is DC coupled and matched to 50 Ohm. Blocking capaci-
tors are required if RF line potential is not equal to 0V.
2 - 7
V6 - V1
See truth table and control voltage table.
8, 10, 12
GND
Package base must also be connected to RF ground
11
Vee
Supply Voltage -5V
± 10%
HMC424LH5
0.5dB LSB GaAs MMIC 6-BIT DIGITAL
ATTENUATOR, DC - 13 GHz
v00.0805


Similar Part No. - HMC424LH5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC424LH5 HITTITE-HMC424LH5 Datasheet
213Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5_09 Datasheet
213Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
More results

Similar Description - HMC424LH5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC424ALH5 AD-HMC424ALH5 Datasheet
633Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Hittite Microwave Corpo...
HMC424 HITTITE-HMC424_09 Datasheet
241Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3_09 Datasheet
227Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3 Datasheet
254Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424 HITTITE-HMC424 Datasheet
213Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LH5 HITTITE-HMC424LH5_09 Datasheet
213Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC-C025 HITTITE-HMC-C025 Datasheet
728Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR MODULE, DC - 13 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424G16 HITTITE-HMC424G16_09 Datasheet
205Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com