Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3573-1000 Datasheet(PDF) 2 Page - 3M Electronics

Part No. 3573-1000
Description  3M D Ribbon Wiremount Socket
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 

3573-1000 Datasheet(HTML) 2 Page - 3M Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Ribbon Wiremount Socket
Bailmount Option
3000 Series
Contact
Quantity
3M Part
Number
Dimension
A
B
C
14
3573
1.58 [ 40.1 ]
1.20 [ 30.5 ]
1.28 [ 32.5 ]
24
3549
2.01 [ 51.1 ]
1.63 [ 41.4 ]
1.70 [ 43.2 ]
36
3367
2.52 [ 64.0 ]
2.14 [ 54.4 ]
2.21 [ 56.1 ]
50
3565
3.11 [ 79.0 ]
2.73 [ 69.3 ]
2.81 [ 71.4 ]
Contact
Quantity
3M Part
Number
Dimension
A
B
C
14
3573
1.58 [ 40.1 ]
1.20 [ 30.5 ]
1.28 [ 32.5 ]
24
3549
2.01 [ 51.1 ]
1.63 [ 41.4 ]
1.70 [ 43.2 ]
36
3367
2.52 [ 64.0 ]
2.14 [ 54.4 ]
2.21 [ 56.1 ]
50
3565
3.11 [ 79.0 ]
2.73 [ 69.3 ]
2.81 [ 71.4 ]
TS-0820-08
Sheet 2 of 3
.0
.00
.000
inch
±.1
± .01 ± .005
[ ] D im ensio ns fo r R efere nce
Only
T olerance U nless N oted
[m m ]
In ch
Ordering Information
Connector
XXXX-100X
0 = .158 [ 4.01 ] Dia Hole
1 = with Bailmount
2 = #4-40 UNC Insert
6 = M3 Insert
Series
See Table
Assembly tools: 3640 press (or equivalent),
3443-58 locator plate, 3442-9 platen.
60 = 14 Position
61 = 24 Position
62 = 36 Position
63 = 50 Position
Strain Relief
(Order Separately)
3448-XX
Strain Relief Flange
“U” Contact
.050 Typ
[ 1.27 ]
Standard Body
.32
[ 8.1 ]
.82
[ 20.8 ]
.60
[ 15.2 ]
See Ordering Information
A
Contact Position
14, 24, 36, or 50
Contact Position
8, 13, 19, or 26
Contact Position
7, 12, 18, or 25
Contact
Position 1
.085 Ref [ 2.16 ]
.187
[ 4.75 ]
B
1
“U” Contact
Strain Relief
Flange
.050 Ref
[ 1.27 ]
.82
[ 20.8 ]
.32
[ 8.1 ]
.60
[ 15.2 ]
Contact Position
8, 13, 19, or 26
Contact Position
14, 24, 36, or 50
Contact Position
7, 12, 18, or 25
.085 Ref
[ 2.16 ]
B
A
.46
[ 11.7 ]
.16
[ 4.1 ]
.050 Typ
[ 1.27 ]
Identification
Nonconductive Adhesive
Transfer with Liner
Cover
Bailmount Body


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn