Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC382LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC382LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC382LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5
5 - 135
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J5
DC Pin
C1
10 pF Capacitor, 0402 Pkg.
C2, C3
1000 pF Capacitor, 0603 Pkg.
C4, C5
15000 pF Capacitor, 0603 Pkg.
L1
56nH Inductor, 0603 Pkg.
L2
18nH Inductor, 0603 Pkg.
R1
Resistor, 0402 Pkg.
U1
HMC382LP3 / HMC382LP3E Amplifier
PCB [2]
112580 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed ground paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of VIA holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 112582 [1]
HMC382LP3 / 382LP3E
v00.1005
GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC375LP3GaAs PHEMT MMIC LOW NOISE AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462LP5GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC490GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER 12 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463LP5GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC490LP5GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER 12 - 16 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC564GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 13.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC565GaAs PHEMT MMIC LOW NOISE AMPLIFIER 6 - 20 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC566GaAs PHEMT MMIC LOW NOISE AMPLIFIER 29 - 36 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn