Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC341LC3B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC341LC3B
Description  SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC341LC3B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC341LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC341LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC341LC3B
SMT GaAs PHEMT MMIC
LOW NOISE AMPLIFIER, 21 - 29 GHz
v00.0905
General Description
Features
Functional Diagram
The HMC341LC3B is a GaAs PHEMT MMIC Low
Noise Amplifier housed in a leadless RoHS comp-
liant SMT package. Operating from 21 to 29 GHz,
the amplifier provides 13 dB of gain and a noise
figure of 2.5 dB from a single +3.0 V supply. The RF
I/Os are DC blocked and matched to 50 Ohms
requiring no external components. The HMC341LC3B
eliminates the need for wire bonding, allowing the
use of surface mount manufacturing techniques.
2.5 dB Noise Figure
13 dB Gain
+3.0 V @ 35 mA Supply
50 Ohm Matched Input/Output
RoHS Compliant 3x3 mm SMT Package
Electrical Specifications, T
A = +25° C, Vdd = +3V, Idd = 35 mA
Typical Applications
The HMC341LC3B is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
21 - 24
24 - 26
26 - 29
GHz
Gain
10.5
13.5
10
13
9
12
dB
Gain Variation Over Temperature
0.016
0.025
0.016
0.025
0.016
0.025
dB/ °C
Noise Figure
3.25
5
3
3.5
2.5
3
dB
Input Return Loss
10
11
9
dB
Output Return Loss
14
10
9
dB
Output Power for 1 dB Compression (P1dB)
8
8.5
8.5
dBm
Saturated Output Power (Psat)
11
11.5
11.5
dBm
Output Third Order Intercept (IP3)
19
19
19
dBm
Supply Current (Idd) (Vdd = +3V)
35
35
35
mA


Similar Part No. - HMC341LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
More results

Similar Description - HMC341LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
   SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com